Part Number Hot Search : 
NGB8202N 2SK3152 08A00 MC7818A 1N5287 19CU050P BGE787B MMQA12VT
Product Description
Full Text Search
 

To Download AS4C4M4E1Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 March 2001
(R)
AS4C4M4EOQ AS4C4M4E1Q
4M 4 CMOS QuadCAS DRAM (EDO) family Features
* Organization: 4,194,304 words x 4 bits * High speed - 50/60 ns RAS access time - 25/30 ns column address access time - 12/15 ns CAS access time * Low power consumption - Active: 495 mW max - Standby: 5.5 mW max, CMOS I/O * Extended data out * Refresh - 4096 refresh cycles, 64 ms refresh interval for 4C4M4EOQ - 2048 refresh cycles, 32 ms refresh interval for AS4C4M4E1Q - RAS-only and hidden refresh or CAS-before-RAS refresh or self-refresh * TTL-compatible * 4 separate CAS pins allow for separate I/O operation * JEDEC standard package - 300 mil, 28-pin SOJ - 300 mil, 28-pin TSOP * 5V power supply * Latch-up current 200 mA * ESD protection 2000 mV
Pin arrangement
SOJ
VCC I/O0 I/O1 WE RAS *NC/A11 CAS0 CAS1 A10 A0 A1 A2 A3 VCC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND I/O3 I/O2 CAS3 OE A9 CAS2 NC A8 A7 A6 A5 A4 GND VCC I/O0 I/O1 WE RAS *NC/A11 CAS0 CAS1 A10 A0 A1 A2 A3 VCC 1 2 3 4 5 6 7 8 9
10
Pin designation
TSOP
28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND I/O3 I/O2 CAS3 OE A9 CAS2 NC A8 A7 A6 A5 A4 GND
Pin(s) A0 to A11 RAS CAS WE I/O0 to I/O3 OE VCC GND NC
Description Address inputs Row address strobe Column address strobe Write enable Input/output Output enable Power Ground No Connection
AS4C4M4E0
11 12 13 14
* NC on 2K refresh version; A11 on 4K refresh version
Selection guide
Symbol Maximum RAS access time Maximum column address access time Maximum CAS access time Maximum output enable (OE) access time Minimum read or write cycle time Minimum hyper page mode cycle time Maximum operating current Maximum CMOS standby current
3/22/01; v.1.0
AS4C4M4E0
4C4M4EOQ/E1Q-50 50 25 12 13 85 20 110 1.0
4C4M4EOQ/E1-60 60 30 15 15 100 24 100 1.0
Unit ns ns ns ns ns ns mA mA
P. 1 of 16
tRAC tCAA tCAC tOEA tRC tPC ICC1 ICC5
Alliance Semiconductor
Copyright (c) Alliance Semiconductor. All rights reserved.
AS4C4M4EOQ AS4C4M4E1Q
(R)
Functional description
The 4C4M4EOQ, and AS4C4M4E1Q are high performance 16-megabit CMOS Quad CAS Dynamic Random Access Memories (DRAM) organized as 4,194,304 words x 4 bits. The devices are fabricated using advanced CMOS technology and innovative design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels. The Alliance 16Mb DRAM family is optimized for use as main memory in PC, workstation, router and switch applications. These products feature a high speed page mode operation where read and write operations within a single row (or page) can be executed at very high speed by toggling column addresses within that row. Row and column addresses are alternately latched into input buffers using the falling edge of RAS and CAS inputs respectively. Also, RAS is used to make the column address latch transparent, enabling application of column addresses prior to CAS assertion. Extended data out (EDO) read mode enables 50 MHz operation using 50 ns devices. Four individual CAS pins allow for separate I/O operation which enables the device to operate in parity mode. In contrast to 'fast page mode' devices, data remains active on outputs after CAS is de-asserted high, giving system logic more time to latch the data. Use OE and WE to control output impedance and prevent bus contention during read-modify-write and shared bus applications. Outputs also go to high impedance at the last occurrance of RAS and CAS going high. Refresh on the 4096 address combinations of A0 to A11 must be performed every 64 ms using: * RAS-only refresh: RAS is asserted while CAS is held high. Each of the 4096 rows must be strobed. Outputs remain high impedence. * Hidden refresh: CAS is held low while RAS is toggled. Refresh address is generated internally. Outputs remain low impedence with previous valid data. * CAS-before-RAS refresh (CBR): At least one CAS is asserted prior to RAS. Refresh address is generated internally. Outputs are high-impedence (OE and WE are don't care). * Normal read or write cycles refresh the row being accessed. * Self-refresh cycles Refresh on the 2048 address combinations of A0 to A10 must be performed every 32 ms using: * RAS-only refresh: RAS is asserted while CAS is held high. Each of the 2048 rows must be strobed. Outputs remain high impedence. * Hidden refresh: CAS is held low while RAS is toggled. Refresh address is generated internally. Outputs remain low impedence with previous valid data. * CAS-before-RAS refresh (CBR): At least one CAS is asserted prior to RAS. Refresh address is generated internally. Outputs are high-impedence (OE and WE are don't care). * Normal read or write cycles refresh the row being accessed. * Self-refresh cycles The 4C4M4EOQ and AS4C4M4E1Q are available in the standard 28-pin plastic SOJ and 28-pin plastic TSOP packages. The 4C4M4EOQ and AS4C4M4E1Q operate with a single power supply of 5V 0.5V. All provide TTL compatible inputs and outputs.
3/22/01; v.1.0
Alliance Semiconductor
P. 2 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Logic block diagram for 4K refresh
VCC GND Refresh controller Column decoder Sense amp Data I/O buffers
I/O0 to I/O3
RAS
RAS clock generator
CAS
CAS clock generator
WE
WE clock generator
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11
OE Address buffers Row decoder 4,194,304 x 4 Array (16,777,216)
Logic block diagram for 2K refresh
VCC GND Refresh controller Column decoder Sense amp Data I/O buffers
I/O0 to I/O3
RAS
RAS clock generator
CAS
CAS clock generator
WE
WE clock generator
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10
OE Address buffers Row decoder 4,194,304 x 4 Array (16,777,216) Substrate bias generator
Recommended operating conditions
Parameter Supply voltage 4C4M4EOQ AS4C4M4E1Q 4C4M4EOQ AS4C4M4E1Q Symbol VCC GND Input voltage Ambient operating temperature
Min 4.5 0.0 2.4 -0.5
Nominal 5.0 0.0 - -
Max 5.5 0.0 VCC 0.8
Unit V V V V C
VIH VIL
TA 0 70 VIL min -3.0V for pulse widths less than 5 ns. Recommended operating conditions apply throughout this document unlesss otherwise specified.
3/22/01; v.1.0
Alliance Semiconductor
P. 3 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Absolute maximum ratings
Parameter Input voltage Input voltage (DQs) Power supply voltage Storage temperature (plastic) Soldering temperature x time Power dissipation Short circuit output current Symbol Vin VDQ VCC TSTG TSOLDER PD Iout Min -1.0 -1.0 -1.0 -55 - - - Max +7.0 VCC + 0.5 +7.0 +150 260 x 10 1 50 Unit V V V C
o
C x sec
W mA
DC electrical characteristics (AS4C4M4E0/E1)
-50 Parameter Symbol Test conditions 0V Vin +5.5V, Pins not under test = 0V DOUT disabled, 0V Vout +5.5V RAS, UCAS, LCAS, Address cycling; tRC=min RAS = UCAS = LCAS VIH RAS cycling, UCAS = LCAS VIH, tRC = min of RAS low after XCAS low. RAS = VIL, UCAS or LCAS, address cycling: tHPC = min RAS = UCAS = LCAS = VCC - 0.2V IOUT = -5.0 mA IOUT = 4.2 mA RAS, UCAS or LCAS cycling, tRC = min RAS = UCAS = LCAS 0.2V, WE = OE VCC - 0.2V, all other inputs at 0.2V or VCC - 0.2V Min -5 -5 - - Max +5 +5 110 2.0 Min -5 -5 - - -60 Max +5 +5 100 2.0 Unit A A mA mA 1,2 Notes
Input leakage current IIL Output leakage current IOL Operating power supply current TTL standby power supply current ICC1 ICC2
Average power supply current, RAS refresh ICC3 mode or CBR EDO page mode average power supply ICC4 current CMOS standby power ICC5 supply current Output voltage VOH VOL
-
110
-
100
mA
1
-
90
-
80
mA
1, 2
- 2.4 - -
1.0 - 0.4 110
- 2.4 - -
1.0 - 0.4 100
mA V V mA
CAS before RAS refresh ICC6 current
Self refresh current
ICC7
-
0.6
-
0.6
mA
3/22/01; v.1.0
Alliance Semiconductor
P. 4 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
DC electrical characteristics (AS4LC4M4E0/E1)
-50 Parameter Input leakage current Symbol Test conditions IIL 0V Vin VCC (max) Pins not under test = 0V DOUT disabled, 0V Vout VCC (max) RAS, UCAS, LCAS, Address cycling; tRC=min RAS = UCAS = LCAS VIH, all other inputs at VIH or VIL RAS cycling, UCAS = LCAS VIH, tRC = min of RAS low after XCAS low. RAS = VIL, UCAS or LCAS, address cycling: tHPC = min RAS = UCAS = LCAS = VCC - 0.2V, F=0 IOUT = -2.0 mA IOUT = 2 mA RAS, UCAS or LCAS cycling, tRC = min RAS = UCAS = LCAS 0.2V, WE = OE = VCC - 0.2V, all other inputs at 0.2V or VCC 0.2V Min -5 -5 - - Max +5 +5 85 2.0 Min -5 -5 - - -60 Max +5 +5 75 2.0 Unit
A A
Notes
Output leakage current IOL Operating power supply current TTL standby power supply current Average power supply current, RAS refresh mode or CBR EDO page mode average power supply current CMOS standby power supply current Output voltage ICC1 ICC2 ICC3
mA mA
4,5
-
80
-
70
mA
4
ICC4 ICC5 VOH VOL
-
85
-
75
mA
4, 5
- 2.4 - -
200 - 0.4 80
- 2.4 - -
200 - 0.4 70
A V V
mA
CAS before RAS refresh ICC6 current
Self refresh current
ICC7
-
0.3
-
0.3
mA
3/22/01; v.1.0
Alliance Semiconductor
P. 5 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
AC parameters common to all waveforms
-50 Symbol Parameter tRC tRP tRAS tCAS tRCD tRAD tRSH tCSH tCRP tASR tRAH tT tREF tCP tRAL tASC tCAH Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS hold time RAS to CAS hold time CAS to RAS precharge time Row address setup time Row address hold time Transition time (rise and fall) Refresh period CAS precharge time Column address to RAS lead time Column address setup time Column address hold time Min 80 30 50 8 15 12 10 40 5 0 8 1 - 8 25 0 8 Max - - 10K 10K 35 25 - - - - - 50 32/64 - - - Min 100 40 60 10 15 12 10 50 5 0 10 1 - 10 30 0 10 -60 Max - - 10K 10K 43 30 - - - - - 50 32/64 - - - - Unit ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns 4,5 17/16 6 7 Notes
Read cycle
-50 Symbol Parameter tRAC tCAC tAA tRCS tRCH tRRH Access time from RAS Access time from CAS Access time from address Read command setup time Read command hold time to CAS Read command hold time to RAS Min - - - 0 0 0 Max 50 12 25 - - - Min - - - 0 0 0 -60 Max 60 15 30 - - - Unit ns ns ns ns ns ns 9 9 Notes 6 6,13 7,13
3/22/01; v.1.0
Alliance Semiconductor
P. 6 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Write cycle
-50 Symbol Parameter tWCS tWCH tWP tRWL tCWL tDS tDH Write command setup time Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data-in setup time Data-in hold time Min 0 10 10 10 8 0 8 Max - - - - - - - Min 0 10 10 10 10 0 10 -60 Max - - - - - - - Unit ns ns ns ns ns ns ns 12 12 Notes 11 11
Read-modify-write cycle
-50 Symbol Parameter tRWC tRWD tCWD tAWD Read-write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time Min 113 67 32 42 Max - - - - Min 135 77 35 47 -60 Max - - - - Unit ns ns ns ns 11 11 11 Notes
Refresh cycle
-50 Symbol Parameter tCSR tCHR tRPC tCPT CAS setup time (CAS-before-RAS) CAS hold time (CAS-before-RAS) RAS precharge to CAS hold time CAS precharge time (CBR counter test) Min 5 8 0 10 Max - - - Min 5 10 0 10 -60 Max - - - - Unit ns ns ns ns Notes 3 3
3/22/01; v.1.0
Alliance Semiconductor
P. 7 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Hyper page mode cycle
-50 Symbol tCPWD tCPA tRASP tDOH tREZ tWEZ tOEZ tHPC tHPRWC tRHCP Parameter CAS precharge to WE delay time Access time from CAS precharge RAS pulse width Previous data hold time from CAS Output buffer turn off delay from RAS Output buffer turn off delay from WE Output buffer turn off delay from OE Hyper page mode cycle time Hyper page mode RMW cycle RAS hold time from CAS Min 45 - 50 5 0 0 0 20 47 30 Max - 28 100K - 13 13 13 - - - Min 52 - 60 5 0 0 0 25 56 35 -60 Max - 35 100K - 15 15 15 - - - Unit ns ns ns ns ns ns ns ns ns ns 13 Notes
Output enable
-50 Symbol tCLZ tROH tOEA tOED tOEZ tOEH tOLZ tOFF Parameter CAS to output in Low Z RAS hold time referenced to OE OE access time OE to data delay Output buffer turnoff delay from OE OE command hold time OE to output in Low Z Output buffer turn-off time Min 0 8 - 13 0 10 0 0 Max - - 13 - 13 - - 13 Min 0 10 - 15 0 10 0 0 -60 Max - - 15 - 15 - - 15 Unit ns ns ns ns ns ns ns ns 8,10 8 Notes 8
Self-refresh cycle
Std Symbol tRASS tRPS tCHS -50 Parameter
RAS pulse width (CBR self refresh) RAS precharge time (CBR self refresh) CAS hold time (CBR self refresh)
-60 Max - - - Min 100 105 -50 Max - - - Unit s ns ns Notes
Min 100 90 -50
3/22/01; v.1.0
Alliance Semiconductor
P. 8 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Notes
1 2 3 ICC1, ICC3, ICC4, and ICC6 are dependent on frequency. ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open. An initial pause of 200 s is required after power-up followed by any 8 RAS cycles before proper device operation is achieved. In the case of an internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 8 initialization cycles are required after extended periods of bias without clocks (greater than 8 ms). AC Characteristics assume tT = 2 ns. All AC parameters are measured with a load equivalent to two TTL loads and 100 pF, VIL (min) GND and VIH (max) VCC. VIH (min) and VIL (max) are reference levels for measuring timing of input signals. Transition times are measured between VIH and VIL. Operation within the tRCD (max) limit insures that tRAC (max) can be met. tRCD (max) is specified as a reference point only. If tRCD is greater than the specified tRCD (max) limit, then access time is controlled exclusively by tCAC. Operation within the tRAD (max) limit insures that tRAC (max) can be met. tRAD (max) is specified as a reference point only. If tRAD is greater than the specified tRAD (max) limit, then access time is controlled exclusively by tAA. Assumes three state test load (5 pF and a 380 Thevenin equivalent). Either tRCH or tRRH must be satisfied for a read cycle. tOFF (max) defines the time at which the output achieves the open circuit condition; it is not referenced to output voltage levels. tOFF is referenced from rising edge of RAS or CAS, whichever occurs last. tWCS, tWCH, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the datasheet as electrical characteristics only. If tWS tWS (min) and tWH tWH (min), the cycle is an early write cycle and data out pins will remain open circuit, high impedance, throughout the cycle. If tRWD tRWD (min), tCWD tCWD (min) and tAWD tAWD (min), the cycle is a read-write cycle and the data out will contain data read from the selected cell. If neither of the above conditions is satisfied, the condition of the data out at access time is indeterminate. These parameters are referenced to CAS leading edge in early write cycles and to WE leading edge in read-write cycles. Access time is determined by the longest of tCAA or tCAC or tCPA tASC tCP to achieve tPC (min) and tCPA (max) values. These parameters are sampled and not 100% tested. These characteristics apply to AS4C4M4EOQ 5V devices. These characteristics apply to AS4C4M4E1Q 5V devices.
4 5 6 7 8 9 10 11
12 13 14 15 16 17
AC test conditions
- Access times are measured with output reference levels of VOH = 2.4V and VOL = 0.4V, VIH = 2.4V and VIL = 0.8V - Input rise and fall times: 2 ns
+5V R1 = 828 Dout 100 pF* R2 = 295
*including scope and jig capacitance
+3.3V R1 = 828 Dout 50 pF* R2 = 295
*including scope and jig capacitance
GND Figure A: Equivalent output load (AS4C4M4E0/AS4C4M4E1)
GND Figure B: Equivalent output load (AS4C4M4E0/AS4C4M4E1)
Key to switching waveforms
Rising input Falling input Undefined output/don't care
3/22/01; v.1.0
Alliance Semiconductor
P. 9 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Read waveform
tRC tRAS tRCD tRSH tRP
RAS
tCSH tCRP tASC tRCS tCAH tCAS
CAS
tRAD tASR tRAH Column address tRRH tRCH tRAL
Address
Row address
WE
tROH tROH
tWEZ
OE
tRAC tAA tOEA tCAC tCLZ tREZ Data out tOLZ tOEZ tOFF (see note 11)
DQ
Early write waveform
tRC tRAS tRP
RAS
tCSH tRSH tCRP tRCD tRAD tASC tASR tRAH tCAH Column address tCWL tRWL tWP tWCS tWCH tCAS tRAL
CAS
Address
Row address
WE
OE
tDS tDH Data in
DQ
3/22/01; v.1.0
Alliance Semiconductor
P. 10 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Write waveform
tRC tRAS tRP
OE controlled
RAS
tCSH tCRP tRCD tRSH tCAS tRAL tRAD tRAH tASC tCAH Column address tRWL tCWL tWP
CAS
tASR
Address
Row address
WE
tOEH
OE
tOED tDS tDH
DQ
Data in
Read-modify-write waveform
tRWC tRAS tRP tCAS tCRP tRCD tCSH tRSH
RAS
CAS
tRAD tASR tRAH Row address
tAR tRAL tASC tCAH Column address tRWD tAWD tRCS tCWD tOEA tOEZ tOED tCWL tWP tRWL
Address
WE OE
tRAC
tAA tCAC tCLZ tDS tDH Data in
DQ
tOLZ
Data out
3/22/01; v.1.0
Alliance Semiconductor
P. 11 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
EDO page mode read waveform
tRASP tRP
RAS
tCSH tCRP tRCD tCAS tCP tRHCP tHPC tRSH
CAS
tAR tRAD tASR tRAH Row Col address tRCS tASC Col address tCAH Col address tRCH tOEA tOEA tCPA tOEZ tCPA Data out tOLZ Data out tCLZ Data out tCLZ tOEZ tOFF tRRH tRAL
Address WE OE
tRAC tCLZ tCAC tAA
DQ
EDO page mode early write waveform
tRASP tRAH tRWL tPC tCSH tCAS tASC tWCS tCP tRAL Col address Col address Col address tCWL tWP tWCH tOEH tCAH tRSH
RAS
tCRP tRCD
CAS
tASR tRAD Row address
tAR
Address
WE OE
tHDR tDS tDH Data in Data In Data in tOED
DQ
3/22/01; v.1.0
Alliance Semiconductor
P. 12 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
EDO page mode read-modify-write waveform
tRASP tRP
RAS
tHPRWC tCSH tRCD tCAS tRAD tASR tRAH tASC tCAH Col ad tRWD tRCS tCWD tAWD tASC Col ad tCWL tCWD tCAH Row ad tASC tCP tCRP
CAS
tRAL tCAH tCPWD tCWD tAWD tOEZ tDH tDS tCLZ tCAC Data in Data out Data in Data out tDS tCPA tCLZ tCAC Data in Data out tCLZ tCAC tOED tOEA tWP tRWL tCWL
Address
Col address
WE
tOEA
OE
tAA tRAC
DQ
CAS before RAS refresh waveform
tRC tRP tRAS
WE = A = VIH or VIL
RAS
tRPC tCP tCSR tCHR
CAS DQ
OPEN
RAS only refresh waveform
tRC tRAS tRP tRPC
WE = OE = VIH or VIL
RAS
tCRP
CAS
tASR tRAH Row address
Address
3/22/01; v.1.0
Alliance Semiconductor
P. 13 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
Hidden refresh waveform (read)
tRC tRAS tRP tCHR tRCD tRSH tCRP tRAS tRC tRP
RAS
tCRP
CAS
tRAD tRAH tASR tASC Row tRCS Col address tRRH tOEA tAR tCAH
Address
WE OE
tRAC tAA tCAC tCLZ tOEZ Data out tOFF
DQ
Hidden refresh waveform (write)
tRC tRAS tRP tCHR
RAS
tCRP tRCD tRSH
CAS
tAR tRAD tRAH tASR tASC Row address tWCR tWP tWCS tWCH Col address tRWL tRAL tCAH
Address
WE
tDS tDHR tDH Data in
DQ OE
3/22/01; v.1.0
Alliance Semiconductor
P. 14 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
CAS before RAS refresh counter test waveform
tRAS tRSH tRP
RAS
tCSR tCHR tCPT tCAS
CAS
tASC tCAH
tRAL
Address
Col address tAA tCAC tCLZ tOFF tOEZ Data out tRCS tRRH tRCH
DQ Read cycle
WE
tROH tOEA
OE
tRWL tCWL tWP tWCH tWCS
Write cycle
WE
tDH tDS
DQ OE
Data in
tRCS tCWD tAWD
tRWL tWP tCWL
WE Read-Write cycle
tOEA tOED
OE
t AA tCLZ tCAC tOEZ tDS Data out Data in tDH
DQ
3/22/01; v.1.0
Alliance Semiconductor
P. 15 of 16
AS4C4M4EOQ AS4C4M4E1Q
(R)
CAS-before-RAS self refresh cycle
tRP tRASS tRPS
RAS
tRPC tCP tCSR tCHS tRPC
UCAS, LCAS
tCEZ
DQ
Capacitance 15
Parameter Input capacitance DQ capacitance Symbol CIN1 CIN2 CDQ Signals A0 to A9 RAS, UCAS, LCAS, WE, OE DQ0 to DQ15
= 1 MHz, Ta = Room temperature Test conditions Vin = 0V Vin = 0V Vin = Vout = 0V Max 5 7 7 Unit pF pF pF
4C4M4EOQ ordering information
Package \ RAS access time Plastic SOJ, 300 mil, 24/26-pin Plastic TSOP, 300 mil, 24/26-pin 5V 5V 50 ns 4C4M4EOQ-50JC 4C4M4EOQ-50TC 60 ns 4C4M4EOQ-60JC 4C4M4EOQ-60TC
AS4C4M4E1Q ordering information
Package \ RAS access time Plastic SOJ, 300 mil, 24/26-pin Plastic TSOP, 300 mil, 24/26-pin 5V 5V 50 ns AS4C4M4E1Q-50JC AS4C4M4E1Q-50TC 60 ns AS4C4M4E1Q-60JC AS4C4M4E1Q-60TC
4C4M4EOQ family part numbering system
AS4 DRAM prefix C 4M4 E0 E0=4K refresh E1=2K refresh -XX RAS access time X C C = 5V CMOS 4Mx4 LC = 3.3V CMOS Package: Commercial temperature J = SOJ 300 mil, 24/26 range, 0C to 70 C T = TSOP 300 mil, 24/26
3/22/01; v.1.0
Alliance Semiconductor
P. 16 of 16


▲Up To Search▲   

 
Price & Availability of AS4C4M4E1Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X